Part Number Hot Search : 
0150CT 0NE03 S08RP SSAC90 TD141TG 2725T 1N935B 68300
Product Description
Full Text Search
 

To Download BD204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN BD201 - BD203 PNP BD202 - BD204
SILCON EPITAXIAL-BASE POWER TRANSISTORS
The BD201 and BD203 are NPN transistors mounted in Jedec TO-220 plastic package. They are primarily intended for use in if-hi equipment delivering an output of 15 to 25 W into 4 or 8 load. PNP complements are BD202 and BD204
ABSOLUTE MAXIMUM RATINGS
Symbol
VCEO VCBO VEBO IC ICSM IB PD TJ TStg
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage
Ratings
BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203
Value
45 60 60 60 5.0 8 12 25 3 60 150 -65 to +200
Unit
V V V A A A A Watts C C
IC
Collector Current
ICM
Collector Current (non-repetitive peak value,tp max.2 ms) Base Current Total Device Dissipation Junction Temperature Storage Temperature range @ TC = 25
THERMAL CHARACTERISTICS
Symbol
RthJ-a RthJ-mb
Ratings
Thermal Resistance, Junction to mounting base Thermal Resistance, Junction to ambient in free air BD201 BD203 BD201 BD203
Value
70 2.08
Unit
K/W K/W
COMSET SEMICONDUCTORS
1/3
NPN BD201 - BD203 PNP BD202 - BD204
ELECTRICAL CHARACTERISTICS
TC=25C unless otherwise noted
Symbol
ICEO ICBO IEBO VBE VCEK hFE VCE(SAT) VBE(SAT)
Ratings
Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Base Emitter Voltage (1) Knee Voltage (1) DC Current Gain (1) Collector-Emitter saturation Voltage (1) Base-Emitter saturation Voltage (1)
Test Condition(s)
VCE=30 V, IB=0V VCB=40 V, IE=0V, Tj=150C VBE=5.0 V, IC=0 IC=3 A, VCE=2.0 V IC=3 A, IB= value for which IC=3.3 A at VCE=2.0 V IC=3 A, VCE=2.0 V IC=2 A, VCE=20 V IC=3 A, IB=0.3 A IC=6 A, IB=0.6 A IC=6 A, IB=0.6 A
Min Typ Mx Unit
BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 30 30 1 0.2 1 0.5 1.5 1 1.5 2 V mA mA mA V V -
Symbol fhfe
fT Is/b hFE1/hFE2 ton Toff
Ratings
Cut-off frequency Transition frequency
Test Condition(s)
IC=0.3 A, VCE=3.0 V IC=0.3 A, VCE=3.0 V f= 1MHz
Min Typ Mx Unit
BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 BD201 BD203 25 7 1.5 2.5 1 s 4 KHz MHz A -
Forward bias second VCE=40 V,tp= 0.1 s Tamb= 25 C breakdown collector current DC current gain ration of IC=1 A, VCE=2.0 V matched complementary pairs Turn-on time Turn-off time
ICon=2 A IBon = -IBoff =0.2 A
(1) Pulse conditions : tp < 300 s, =2%
COMSET SEMICONDUCTORS
3/3
NPN BD201 - BD203 PNP BD202 - BD204
MECHANICAL DATA CASE TO-220
DIMENSIONS
mm A B C D E F G H L M N P R S T U Pin 1 : Pin 2 : Pin 3 : 9,86 15,73 13,37 6,67 4,44 4,21 2,99 17,21 1,29 3,6 1,36 0,46 2,1 5 2,52 0,79 inches 0,39 0,62 0,52 0,26 0,17 0,16 0,11 0,68 0,05 0,14 0,05 0,02 0,08 0,19 0,098 0,03 base Collector emitter
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
COMSET SEMICONDUCTORS
3/3


▲Up To Search▲   

 
Price & Availability of BD204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X